PART |
Description |
Maker |
LTC3728LEGNPBF LINEARTECHNOLOGYCORP-LTC3728LXCUHTR |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28 Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: QFN; No of Pins: 32; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
LTC3728LZEUHPBF LTC3728LZEUHTRPBF LTC3728LEGNTRPBF |
Dual, 550kHz, 2-Phase Synchronous Regulators
|
Linear Technology
|
LTC1702A |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller
|
Linear
|
LTC1702 1702I |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller From old datasheet system
|
Linear
|
LTC1703 LTC1703CG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller with 5-Bit VID
|
Linear Technology
|
LTC1705 LTC1705EGN |
Dual 550kHz Synchronous Switching Regulator Controller with 5-Bit VID and 150mA LDO
|
Linear Technology
|
LTC1702CGNPBF LTC1702CGNTR LTC1702CGNTRPBF LTC1702 |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SOT; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24 Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A DUAL SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
LTC3728EGTRPBF |
Dual, 550kHz, 2-Phase Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 3 A DUAL SWITCHING CONTROLLER, 590 kHz SWITCHING FREQ-MAX, PDSO28
|
Linear Technology, Corp.
|
LTC1702A LTC1702ACGNTR LTC1702ACGNTRPBF LTC1702ACG |
Dual 550kHz Synchronous 2-Phase Switching Regulator Controller; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 5 A SWITCHING CONTROLLER, 750 kHz SWITCHING FREQ-MAX, PDSO24
|
Linear Technology, Corp.
|
CY7C09199V CY7C09199V-12AC CY7C09199V-6AC CY7C0919 |
3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 64K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 9 DUAL-PORT SRAM, 25 ns, PQFP100 3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM 32K X 8 DUAL-PORT SRAM, 18 ns, PQFP100 SM Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 250 Vac, 11 A, Pin Plunger Actuator, Solder Termination Memory
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
LTC3539-2-15 LTC3407-4-15 |
2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
|
Linear Technology
|